PART |
Description |
Maker |
MAX1421 MAX1421CCM MAX1421ECM |
" 12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference"
|
MAXIM[Maxim Integrated Products]
|
LTC2142-12-15 LTC2141-12-15 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2141-14-15 LTC2142-14-15 |
14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
PI74FCT162543T PI74FCT16543T PI74FCT162H543T PI74F |
Fast CMOS 16-Bit Latched Transceivers Dual 12-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual Zero-Drift Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Pericom Semiconductor C... PERICOM[Pericom Semiconductor Corporation]
|
MAX1211 |
40Msps / 12-Bit ADC
|
Maxim
|
WM2124 |
DUAL 10-BIT 40MSPS ADC
|
Wolfson
|
ADDI7006 |
6-Channel, 10-Bit, 40MSPS CCD Signal Processor
|
Analog Devices
|
TSA1203 TSA1203IF TSA1203IFT |
DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
AD9040A |
10-Bit 40 MSPS A/D Converters(40MSPS 10位A/D转换
|
Analog Devices, Inc.
|
LTC2292CUPTRPBF LTC2291CUPPBF LTC2292IUPTRPBF |
Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|